Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L8550LT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part No. L8550LT1
Description  General Purpose Transistors PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L8550LT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  L8550LT1 Datasheet HTML 1Page - Leshan Radio Company L8550LT1 Datasheet HTML 2Page - Leshan Radio Company L8550LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
L8550*LT1–2/3
L8550*LT1
ON CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
DC Current Gain
h FE
150
600
(I C =100mA V CE=1V)
Collector-Emitter Saturation Voltage
V CE(S)
0.5
V
(I C =800mA I B=80mA)
NOTE:
*
PQ
R
S
hFE
100~200
150~300
200~400
300~600


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2N4403 General Purpose Transistors PNP Silicon 1  2  3  4  5  More Weitron Technology
L9012LT1 General Purpose Transistors PNP Silicon 1  2  Leshan Radio Company
ZTX214 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1  2  3  4  List of Unclassifed Manufacturers
L2SA1576AT1 General Purpose Transistors PNP Silicon 1  2  3  4  Leshan Radio Company
L9015LT1 General Purpose Transistors PNP Silicon 1  2  3  Leshan Radio Company
L2SA1774T1 General Purpose Transistors PNP Silicon 1  2  3  Leshan Radio Company
LBC807-16LT1 General Purpose Transistors PNP Silicon 1  2  3  Leshan Radio Company
2N3702 PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1  2  3  4  Micro Electronics
2N3705 PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1  2  3  4  Micro Electronics
BC856 SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn