Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN2211LT1 Datasheet(PDF) 9 Page - Leshan Radio Company

Part No. LMUN2211LT1
Description  BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

LMUN2211LT1 Datasheet(HTML) 9 Page - Leshan Radio Company

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2211S–9/11
LMUN2211LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2233LT1
75
°C
TA = –25°C
Figure 27. VCE(sat) vs. IC
25
°C
IC/IB = 10
12
1
0.1
0.001
17
7
222
IC, COLLECTOR CURRENT (mA)
0.01
27
32
Figure 28. DC Current Gain
VCE = 10 V
1
1000
100
10
1
10
IC, COLLECTOR CURRENT (mA)
TA = –25°C
100
75
°C
25
°C
Figure 29. Output Capacitance
f = 1 MHz
IE = 0 A
TA = 25°C
0
0.5
3
20
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
10
60
50
40
30
3.5
4
1.5
2.5
Figure 30. Output Current vs. Input Voltage
0
100
10
28
1
0.1
0.01
46
Vin, INPUT VOLTAGE (VOLTS)
VO = 5 V
TA = –25°C
75
°C
25
°C
Figure 31. Input Voltage vs. Output Current
VO = 0.2 V
0
10
12
18
30
1
0.1
IC, COLLECTOR CURRENT (mA)
TA = –25°C
624
75
°C
25
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
HUN2211NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn