Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN2211LT1 Datasheet(PDF) 6 Page - Leshan Radio Company

Part No. LMUN2211LT1
Description  BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2211LT1 Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LMUN2211LT1 Datasheet HTML 2Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 3Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 4Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 5Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 6Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 7Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 8Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 9Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2211S–6/11
LMUN2211LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2213LT1
Figure 12. VCE(sat) vs. IC
0
204060
80
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
IC/IB = 10
TA = –25°C
75
°C
25
°C
Figure 13. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
VCE = 10 V
TA = 75°C
–25
°C
25
°C
Figure 14. Output Capacitance
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 A
TA = 25°C
02
4
6
8
10
100
10
1
0.1
0.01
0.001
Vin, INPUT VOLTAGE (VOLTS)
Figure 15. Output Current vs. Input Voltage
VO = 5 V
TA = –25°C
75
°C
25
°C
TA = –25°C
75
°C
25
°C
100
10
1
0.1
010
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 16. Input Voltage vs. Output Current
VO = 0.2 V
75°C
TA = –25°C
25
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DTC144TT1 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
LMUN5211T1 Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
HUN2211 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Hi-Sincerity Mocroelectronics
DTA114YE Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Motorola, Inc
LMUN2237LT1 Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
LMUN5311DW1T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
DTA115EET1 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
MUN5111W Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More E-Tech Electronics LTD
LMUN2135LT1 Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
LMUN5111DW1T1 Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn