Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN2211LT1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part No. LMUN2211LT1
Description  BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2211LT1 Datasheet(HTML) 4 Page - Leshan Radio Company

  LMUN2211LT1 Datasheet HTML 1Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 2Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 3Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 4Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 5Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 6Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 7Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 8Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2211S–4/11
LMUN2211LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2211LT1
100
10
1
0.1
0.01
0.001
0
123
4
Vin, INPUT VOLTAGE (VOLTS)
5
678
9
10
VO = 5 V
TA = –25°C
75
°C
25
°C
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
50
0
1020
3040
4
3
1
2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 A
TA = 25°C
VCE = 10 V
Figure 1. Derating Curve
250
200
150
100
50
0
–50
0
50
100
150
TA, AMBIENT TEMPERATURE (5°C)
Figure 2. VCE(sat) vs. IC
RθJA= 625°C/W
TA = 75°C
–25
°C
25
°C
10
020
30
IC, COLLECTOR CURRENT (mA)
10
1
0.1
40
50
Figure 3. DC Current Gain
TA = –25°C
75
°C
25
°C
VO = 0.2 V
1
0.1
0.01
0.001
020
40
60
80
IC, COLLECTOR CURRENT (mA)
IC/IB = 10
TA = –25°C
75
°C
25
°C
Figure 4. Output Capcitance
Figure 5. Output Current vs. Input Voltage
Figure 6. Input Voltage vs. Output Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
HUN2211NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn