Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN2135LT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part No. LMUN2135LT1
Description  Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2135LT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN2135LT1 Datasheet HTML 1Page - Leshan Radio Company LMUN2135LT1 Datasheet HTML 2Page - Leshan Radio Company LMUN2135LT1 Datasheet HTML 3Page - Leshan Radio Company LMUN2135LT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2135LT1-3/4
TYPICAL ELECTRICAL CHARACTERISTICS — LMUN2135LT1
75
°C
25
°C
−25
°C
Figure 1. VCE(sat) versus IC
Figure 2. DC Current Gain
Figure 3. Output Capacitance
Figure 4. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 5. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
6
45
50
40
30
20
10
0
0
2
4
8
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
0.01
35
25
15
5
0.01
0.1
30
10
12
IC/IB = 10
VCE = 10 V
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
HUN2111PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 Hi-Sincerity Mocroelectronics
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn