Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMSB709LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMSB709LT1G
Description  PNP General Purpose Amplifier Transistor Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMSB709LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMSB709LT1G Datasheet HTML 1Page - Leshan Radio Company LMSB709LT1G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
LMSB709LT1-1/2
PNP General Purpose Amplifier
Transistor Surface Mount
3
SOT-23
1
2
MAXIMUM RATINGS(T A = 25 °C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V (BR)CBO
–60
Vdc
Collector-Emitter Voltage
V (BR)CEO
–45
Vdc
Emitter-Base Voltage
V (BR)EBO
–7.0
Vdc
Collector Current - Continuous
I C
–100
mAdc
Collector Current - Peak
I C(P)
–200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage (IC=–2.0mAdc,IB=0)
V (BR)CEO
–45
Vdc
Collector-Base Breakdown Voltage (IC=–10
µAdc,IE=0)
V(BR)CBO
–60
Vdc
Emitter-Base Breakdown Voltage (IE =–10
µAdc,IE=0)
V (BR)EBO
–7.0
Vdc
Collector-Base Cutoff Current (VCB =–45Vdc, IE=0)
ICBO
–0.1
µAdc
Collector-Emitter Cutoff Current (VCE=–10Vdc, IB=0)
ICEO
–100
nAdc
DC Current Gain (1)
hFE1
210
340
(VCE=–10Vdc, IC = –2.0mAdc)
Collector-Emitter Saturation Voltage
VCE(sat)
–0.5
Vdc
(IC = –100mAdc, IB=–10mAdc)
1. Pulse Test: Pulse Width
300
µs, D.C.
2%.
DEVICE MARKING
Marking Symbol
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
COLLECTOR
3
2
1
BASE
EMITTER
ARX
<
<
LMSB709LT1
FEATURE
Small plastic SMD package.
General purpose amplification.
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LMSB709LT1
AR
3000/Tape&Reel
LMSB709LT1G
AR
(Pb-Free)
3000/Tape&Reel


Similar Part No. - LMSB709LT1G

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LMSB-15C PAIRUI-LMSB-15C Datasheet
353Kb / 3P
   Constant current LED Drivers
LMSB-15V PAIRUI-LMSB-15V Datasheet
358Kb / 3P
   Constant voltage LED Drivers
LMSB-20C PAIRUI-LMSB-20C Datasheet
345Kb / 3P
   Constant current LED Drivers
LMSB-20V PAIRUI-LMSB-20V Datasheet
351Kb / 3P
   Constant voltage LED Drivers
LMSB-30V PAIRUI-LMSB-30V Datasheet
347Kb / 3P
   Constant voltage LED Drivers
More results

Similar Description - LMSB709LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
REV 3
logo
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
MSB710-RT1 LRC-MSB710-RT1 Datasheet
38Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB709-RT1G ONSEMI-MSB709-RT1G Datasheet
39Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
June, 2005 ??Rev. 6
logo
E-Tech Electronics LTD
MSB710 ETL-MSB710 Datasheet
75Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
80Kb / 6P
   PNP General Purpose Amplifier Transistor Surface Mount
1997
logo
TT Electronics.
2N2907AUB TTELEC-2N2907AUB Datasheet
566Kb / 4P
   Surface Mount PNP General Purpose Transistor
logo
Micropac Industries
61083 MICROPAC-61083 Datasheet
83Kb / 2P
   SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com