Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN8049SH Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN8049SH
Description  1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN8049SH Datasheet(HTML) 5 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Voltage Regulators
AN8049SH
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output 1 block
Output duty factor 1
Du1
RT = 7.5 kΩ, CT = 680 pF
80
86
92
%
High-level output voltage 1
VOH1
IO = −10 mA, RB = 1 kΩ
VCC −1

V
Low-level output voltage 1
VOL1
IO = 10 mA, RB = 1 kΩ
0.2
V
Output source current 1
ISO(OUT)1 VO = 0.7 V, RB = 1 kΩ−34
−29
−24
mA
Output sink current 3
ISI(OUT)1
VO = 0.7 V, RB = 1 kΩ
40

mA
Pull-down resistor 1
RO1
17
27
37
k
Output 2 block
Output duty factor 2
Du2
RT = 7.5 kΩ, CT = 680 pF
80
86
92
%
High-level output voltage 2
VOH2
IO = −10 mA, RB = 1 kΩ
VCC −1

V
Low-level output voltage 2
VOL2
IO = 10 mA, RB = 1 kΩ
0.2
V
Output source current 2
ISO(OUT)2 VO = 0.7 V, RB = 1 kΩ−34
−29
−24
mA
Output sink current 2
ISI(OUT)2
VO = 0.7 V, RB = 1 kΩ
40

mA
Pull-down resistor 2
RO2
17
27
37
k
Output 3 block
Output duty factor 3
Du3
RT = 7.5 kΩ, CT = 680 pF
80
86
92
%
Output saturation voltage
VO(SAT)
IO = 40 mA

0.5
V
Output leakage current
IOLE
V13
= 14 V

1
µA
Short-circuit protection circuit block
Input standby voltage
VSTBY

0.1
V
Input threshold voltage
VTHPC
0.8
0.9
1.0
V
Input latch voltage
VIN

0.1
V
Charge current
ICHG
VSCP = 0 V
−1.43 −1.1 − 0.77
µA
On/off control block
Input threshold voltage
VON(TH)
0.6
0.9
1.2
V
CTL block
Input threshold voltage
VTHCTL
1.07
1.26
1.45
V
Charge current
ICTL
VCTL = 0 V
−1.43 −1.1 − 0.77
µA
Whole Device
Average consumption current
ICC(OFF)
RB = 9.1 kΩ, duty = 50%
4.2
5.5
mA
Standby mode current
ICC(SB)

1
µA
s Electrical Characteristics at VCC = 2.4 V, CREF = 0.1 µF, Ta = 25°C (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn