Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SD2114KLT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L2SD2114KLT1
Description  Epitaxial planar type NPN silicon transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SD2114KLT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  L2SD2114KLT1 Datasheet HTML 1Page - Leshan Radio Company L2SD2114KLT1 Datasheet HTML 2Page - Leshan Radio Company L2SD2114KLT1 Datasheet HTML 3Page - Leshan Radio Company L2SD2114KLT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
L2SD2114K*LT1-3/4
EMITTER CURRENT : IE
(mA)
Fig.10 Gain bandwidth product vs.
emitter current
-1
-2
-5 -10 -20
-50 -100 -200 -500 -1000
10000
5000
2000
500
200
1000
100
20
50
10
Ta
=25
°C
VCE
=10V
Measured using
pulse current.
0.1 0.2
0.5 1
2
5
10 20
50 100
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.11 Collector output capacitance
vs. collector-base voltage
100
200
500
1000
10
20
50
2
5
1
Ta
=25
°C
f
=1MHz
IE
=0A
0.01 0.02 0.05 0.1 0.2
0.5
1
2
5
10
BASE CURRENT : IB
(mA)
Fig.12 Output-on resistance vs.
base current
0.1
0.2
0.5
1
2
5
10
20
50
100
Ta=25
°C
f=1kHz
Vi=100mV(rms)
RL=1k
Ron measurement circuit
Ron
=×RL
v0
v0
vi
v0
RL
=1kΩ
IB
Output
Input
1kHz
100mV(rms)
vi
V
L2SD2114K*LT1


Similar Part No. - L2SD2114KLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SD2114KVLT1G LRC-L2SD2114KVLT1G Datasheet
72Kb / 4P
   Epitaxial planar type NPN silicon transistor High DC current gain
L2SD2114KVLT1G LRC-L2SD2114KVLT1G_11 Datasheet
72Kb / 4P
   Epitaxial planar type NPN silicon transistor High DC current gain
L2SD2114KVLT1G LRC-L2SD2114KVLT1G_15 Datasheet
112Kb / 4P
   NPN silicon transistor
L2SD2114KVLT3G LRC-L2SD2114KVLT3G Datasheet
72Kb / 4P
   Epitaxial planar type NPN silicon transistor High DC current gain
L2SD2114KWLT1G LRC-L2SD2114KWLT1G Datasheet
72Kb / 4P
   Epitaxial planar type NPN silicon transistor High DC current gain
More results

Similar Description - L2SD2114KLT1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR510EF AUK-SUR510EF Datasheet
48Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
SUR542EF AUK-SUR542EF Datasheet
186Kb / 4P
   Epitaxial Planar Type NPN Silicon Transistor
SUT485J AUK-SUT485J Datasheet
218Kb / 4P
   Epitaxial Planar type NPN Silicon Transistor
logo
Sanyo Semicon Device
2SC3173 SANYO-2SC3173 Datasheet
47Kb / 1P
   NPN Epitaxial Planar Type Silicon Transistor
logo
KEC(Korea Electronics)
KTC2874 KEC-KTC2874_03 Datasheet
405Kb / 3P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE
logo
First Silicon Co., Ltd
FTD2114K FS-FTD2114K Datasheet
126Kb / 4P
   Epitaxial planar type NPN silicon transistor
logo
AUK corp
SUR543J AUK-SUR543J Datasheet
172Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
SUR566EF AUK-SUR566EF Datasheet
168Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
logo
Toshiba Semiconductor
MT3S05T TOSHIBA-MT3S05T Datasheet
86Kb / 3P
   TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S07S TOSHIBA-MT3S07S Datasheet
112Kb / 2P
   TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com