Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN8049FHN Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AN8049FHN
Description  1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN8049FHN Datasheet(HTML) 6 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AN8049FHN
Voltage Regulators
6
Pin No.
Equivalent circuit
Description
I/O
1
DT2:
I
Sets the channel 2 soft start time.
Set the time by connecting a capacitor
between this pin and ground.
Note that although the channel 2
maximum on duty is set internally to
86%, the maximum on duty can be set
to a value of 86% or less by inserting
a resistor between this pin and ground,
and can be set to a value of 86% or
more by inserting a resistor between
this pin and the VREF pin.
2
DT1:
Sets the channel 1 soft start time.
Set the time by connecting a capacitor
between this pin and ground.
Note that although the channel 1
maximum on duty is set internally to
86%, the maximum on duty can be set
to a value of 86% or less by inserting
a resistor between this pin and ground,
and can be set to a value of 86% or
more by inserting a resistor between
this pin and the VREF pin.
3
CTL3:
I
Controls the on/off state of channel 3.
A delay can be provided in the power
supply turn-on start time by connecting
a capacitor between this pin and ground.
tDLY3 = 1.26 (V) × CCTL3 (µF)/1.1 (µA) (s)
This pin can also be used to control the
on/off state with an external signal.
In that case, the allowable input voltage
range is from 0 V to VCC. Note that
during U.V.L.O. and timer latch
operation, this pin is connected to
ground through a 20 k
Ω resistor.
s Terminal Equivalent Circuit
PWM2
50 k
50 k
1
7
15
20
PWM1
50 k
50 k
15
22
7
2
1.26 V
VCC
20 k
1.1
µA
High
channel 3 operation
is turned off.
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn