Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC0404FC36C Datasheet(PDF) 3 Page - Protek Devices

Part # LC0404FC36C
Description  LOW CAPACITANCE FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0404FC36C Datasheet(HTML) 3 Page - Protek Devices

  LC0404FC36C Datasheet HTML 1Page - Protek Devices LC0404FC36C Datasheet HTML 2Page - Protek Devices LC0404FC36C Datasheet HTML 3Page - Protek Devices LC0404FC36C Datasheet HTML 4Page - Protek Devices LC0404FC36C Datasheet HTML 5Page - Protek Devices LC0404FC36C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.protekdevices.com
05157.R6 4/05
LC0404FC3.3C
thru
LC0404FC36C
GRAPHS
0
5
10
15
20
0
4
8
12
14
FIGURE 5
TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR LC0404FC05C
10
6
2
I
PP - Peak Pulse Current - Amps
ESD Test Pulse - 25 kilovolt, 1/30ns (waveshape)
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR LC0404FC05C
-5
5
15
25
35
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0


Similar Part No. - LC0404FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0404FC36C PROTEC-LC0404FC36C Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC36C PROTEC-LC0404FC36C Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

Similar Description - LC0404FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0406FC3.3C PROTEC-LC0406FC3.3C_07 Datasheet
81Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC_07 Datasheet
69Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC PROTEC-LC0406FC Datasheet
120Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC Datasheet
96Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC PROTEC-LC0408FC Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULC0402FC33C PROTEC-ULC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com