Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC0406FC Datasheet(PDF) 2 Page - Protek Devices

Part No. LC0406FC
Description  LOW CAPACITANCE FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

LC0406FC Datasheet(HTML) 2 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.protekdevices.com
05158.R5 4/05
LC0406FC3.3C
thru
LC0406FC36C
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
200
Watts
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
200W, 8/20µs Waveform
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
LC0406FC3.3C
LC0406FC05C
LC0406FC08C
LC0406FC12C
LC0406FC15C
LC0406FC24C
LC0406FC36C
3.3
5.9
8.0
12.0
15.0
24.0
36.0
4.0
6.0
8.5
13.3
16.7
26.7
40.0
7.0
11.0
13.2
19.8
25.4
37.2
70.0
12.5V @ 16A
13V @ 15A
18V @ 11A
26.9V @ 7.4A
34.5V @ 5.8A
50.6V @ 4A
80.0V @ 2.5A
70
35
32
30
25
20
18
MAXIMUM
LEAKAGE
CURRENT
(See Note 2)
@V
WM
I
D
µA
75*
10**
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
Note 1: All devices are bidirectional. Electrical characteristics apply in both directions.
Note 2: *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current <500nA @ 3.3V.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn