Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC0406FC Datasheet(PDF) 6 Page - Protek Devices

Part No. LC0406FC
Description  LOW CAPACITANCE FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

LC0406FC Datasheet(HTML) 6 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.protekdevices.com
05158.R5 4/05
LC0406FC3.3C
thru
LC0406FC36C
PACKAGE OUTLINE & DIMENSIONS
A
F
G
H
I
0.51
0.15 SQ
0.71
0.99
0.51
0.020
0.006 SQ
0.028
0.039
0.020
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
3.
Preferred: Using 0.1mm (0.004”) stencil.
MOUNTING PAD LAYOUT - Option 2
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and
reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000
pieces per reel. Ordering Suffix: -T75-1
(i.e., LC0406FC05C-T75-1).
3.
8mm Paper Tape: 7 Inch Reels - 5,000
pieces per reel. Ordering Suffix: -T75-2
(i.e., LC0406FC05C-T75-2).
4. Suffix = LF = Lead-Free,
i.e.,
LC0406FC05C-LF-T75-1.
Outline & Dimensions: Rev 3 - 11/02, 06023
TAPE & REEL ORIENTATION
NOTE:
1. Top view of tape. Solder bumps are face
down in tape package.
Triple Die - 0406
SOLDER PRINT
0.014” [0.36] DIA.
A
I
SOLDER MASK
DIE
SOLDER
BUMPS
COPPER CONTACTS
0.009” [0.23] DIA.
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn