Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT3906WT1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBT3906WT1G
Description  General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3906WT1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBT3906WT1G Datasheet HTML 1Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 2Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 3Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 4Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 5Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 6Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 7Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 8Page - Leshan Radio Company LMBT3906WT1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3904/6WT1-5/11
NPN LMBT3904WT1
PNP LMBT3906WT1
SOURCE RESISTANCE= 200
I
C = 1.0 mA
I
C , COLLECTOR CURRENT (mA)
Figure 8. Fall Time
I
C , COLLECTOR CURRENT (mA)
Figure 7. Storage Time
I
C , COLLECTOR CURRENT (mA)
Figure 6. Rise Time
I
C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(V
CE = 5.0 Vdc, T A = 25°C, Bandwidth = 1.0 Hz)
f, FREQUENCY (kHz)
Figure 9. Noise Figure
R
S , SOURCE RESISTANCE (kΩ)
Figure 10. Noise Figure
V
CC = 40 V
I
C /I B = 10
V
CC=40V
I
B1 = I B2
I
C /I B = 10
I
C /I B = 20
t
r @V CC=3.0V
40 V
t’
s= ts –1/8t f
I
B1 =IB2
I
C /I B = 10
t
d@V OB=0V
LMBT3904WT1
2.0 V
15 V
LMBT3904WT1
I
C /I B = 10
I
C /I B = 20
LMBT3904WT1
I
C /I B = 10
I
C /I B = 20
LMBT3904WT1
f = 1.0 kHz
I
C = 0.5 mA
SOURCE RESISTANCE =1.0k
I
C = 50 µA
SOURCE RESISTANCE= 500
I
C = 100 µA
SOURCE RESISTANCE= 200
I
C = 0.5 mA
LMBT3904WT1
LMBT3904WT1
I
C = 1.0 mA
I
C = 100 µA
I
C = 50 µA
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
12
10
8
6
4
2
0
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
14
12
10
8
6
4
2
0
LMBT3904WT1


Similar Part No. - LMBT3906WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3906WT1G LRC-LMBT3906WT1G_15 Datasheet
1Mb / 7P
   General Purpose Transistors
More results

Similar Description - LMBT3906WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com