Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT3904LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT3904LT1
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT3904LT1 Datasheet HTML 1Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 2Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 3Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 4Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 5Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 6Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3904LT1-1/7
1
3
2
LMBT3904LT1
2
EMITTER
3
COLLECTOR
1
BASE
SOT–23
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
40
Vdc
Collector–Base Voltage
V CBO
60
Vdc
Emitter–Base Voltage
V EBO
6.0
Vdc
Collector Current — Continuous
I C
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ ,Tstg
–55 to +150
°C
DEVICE MARKING
LMBT3904LT1 = 1AM
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(3)
V (BR)CEO
40
Vdc
(I C = 1.0 mAdc)
Collector–Base Breakdown Voltage
V (BR)CBO
60
Vdc
(I C = 10
µAdc)
Emitter–Base Breakdown Voltage
V (BR)EBO
6.0
Vdc
(I E = 10
µAdc)
Base Cutoff Current
I BL
50
nAdc
( V CE= 30 Vdc, V EB = 3.0 Vdc, )
Collector Cutoff Current
I CEX
50
nAdc
( V CE = 30Vdc, V BE = 3.0Vdc )
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
Device
Package
Shipping
LMBT3904LT1
SOT–23
3000/Tape & Reel
LMBT3904LT1G SOT–23
3000/Tape & Reel
General Purpose Transistor
ORDERING INFORMATION


Similar Part No. - LMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
LMBT3904LT1G ISC-LMBT3904LT1G Datasheet
331Kb / 3P
   isc Silicon NPN RF Transistor
logo
Leshan Radio Company
LMBT3904LT1G LRC-LMBT3904LT1G_15 Datasheet
648Kb / 7P
   General Purpose Transistor
More results

Similar Description - LMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com