Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT2222ALT1 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBT2222ALT1
Description  General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2222ALT1 Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBT2222ALT1 Datasheet HTML 1Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 2Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 3Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 4Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
O4–5/5
LMBT2222LT1
LMBT2222ALT1
I
C , COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
I
C , COLLECTOR CURRENT (mA)
Figure 12. Temperature Coefficients
T
J = 25°C
R
θVC for V CE(sat)
V
BE(sat) @ I C /I B =10
V
CE(sat) @ I C /I B =10
V
BE(on) @ V CE =10 V
R
θVB for V BE
0.1 0.2
0.5
1.0 2.0
5.0
10
20
50 100
200
500 1.0k
10
0.8
0.6
0.4
0.2
0
+0.5
0
– 0.5
–1.0
–1.5
–2.0
– 2.5
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
500
1.0 V


Similar Part No. - LMBT2222ALT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ALT1G LRC-LMBT2222ALT1G Datasheet
243Kb / 6P
   General Purpose Transistors NPN Silicon RoHS requirements.
LMBT2222ALT1G LRC-LMBT2222ALT1G_15 Datasheet
383Kb / 6P
   General Purpose Transistors
More results

Similar Description - LMBT2222ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com