Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT2222ALT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBT2222ALT1
Description  General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2222ALT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBT2222ALT1 Datasheet HTML 1Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 2Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 3Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 4Page - Leshan Radio Company LMBT2222ALT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
O4–3/5
LMBT2222LT1
LMBT2222ALT1
Figure 1. Turn–On Time
Scope rise time < 4.0ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
1.0 k
+30 V
200
C
S*< 10 pF
1.0 k
+30 V
200
C
S* < 10 pF
1N914
+ 16 V
–14 V
< 20 ns
<2.0 ns
– 2.0V
+ 16 V
Figure 2. Turn–Off Time
1.0 to 100
µs,
DUTY CYCLE ~ 2%
SWITCHING TIME EQUIVALENT TEST CIRCUITS
0
0
1.0 to 100
µs,
DUTY CYCLE ~ 2%
– 4.0 V
I
C , COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
I
B , BASE CURRENT (mA)
Figure 4. Collector Saturation Region
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
20
300
500
700
1.0k
1000
700
500
300
200
100
70
50
30
20
10
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
1.0
0.8
0.6
0.4
0.2
0
V
CE= 10 V
V
CE=1.0 V
T
J = +125°C
+25°C
–55°C
T
J = 25°C
500mA
100mA
10 mA
I
C=1.0 mA
~
~


Similar Part No. - LMBT2222ALT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ALT1G LRC-LMBT2222ALT1G Datasheet
243Kb / 6P
   General Purpose Transistors NPN Silicon RoHS requirements.
LMBT2222ALT1G LRC-LMBT2222ALT1G_15 Datasheet
383Kb / 6P
   General Purpose Transistors
More results

Similar Description - LMBT2222ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com