Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBF170LT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBF170LT3G
Description  N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBF170LT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBF170LT3G Datasheet HTML 1Page - Leshan Radio Company LMBF170LT3G Datasheet HTML 2Page - Leshan Radio Company LMBF170LT3G Datasheet HTML 3Page - Leshan Radio Company LMBF170LT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LMBF170LT1–1/4
LESHAN RADIO COMPANY, LTD.
1
3
SOT-23
2
3
1
2
Gate
Source
Drain
LMBF170LT1
N-CHANNEL POWER MOSFET
LMBF170LT1
FEATURE
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LMBF170LT1
6Z
3000/Tape&Reel
LMBF170LT1G
6Z
(Pb-Free)
3000/Tape&Reel
LMBF170LT3
6Z
10000/Tape&Reel
LMBF170LT3G
6Z
(Pb-Free)
10000/Tape&Reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage
VDGS
60
Vdc
Gate–Source Voltage
– Continuous
– Non–repetitive (tp ≤ 50 ms)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current – Continuous
– Pulsed
ID
IDM
0.5
0.8
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board
(Note 1.) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to
+150
°C
1. FR–5 = 1.0
 0.75  0.062 in.


Similar Part No. - LMBF170LT3G

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
logo
PAIRUI GROUP INC.
LMB-15C PAIRUI-LMB-15C Datasheet
355Kb / 3P
   Constant current LED Drivers
LMB-15V PAIRUI-LMB-15V Datasheet
345Kb / 3P
   Constant voltage LED Drivers
LMB-20C PAIRUI-LMB-20C Datasheet
244Kb / 3P
   Constant current LED Drivers
LMB-20V PAIRUI-LMB-20V Datasheet
360Kb / 3P
   Constant voltage LED Drivers
More results

Similar Description - LMBF170LT3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com