Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M62520FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M62520FP
Description  HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62520FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M62520FP
000512
(
/4)
MITSUBISHI<Standard LinearICs>
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED
OUTPUT VOLTAGE REGULATOR WITH RESET
PRELIMINARY
Icc2
Pd
VIN
IL
Topr
Tstg
mW
ºC
ºC
-20
~+75
-40
~+150
300
V
mA
mA
V
V
mV
dB
mV/ºC
-0.3
~9
VOUT
VIO
Reg-IN
Reg-L
VNO
RR
IOS
TCVO
Vs
∆Vs
tpd
VOPL
mV
µVrms
mA
V
mV
µs
V
V
3.9
3.822
3.978
100
200
80
vin=0dBm,f=120Hz ,
IL=30mA
30
IL=0mA
~250mA
10
VIN=4.4V
~5.5V,IL=30mA
0.3
IL=150mA
3.3
3.234
3.366
K
θ
530
4.24
mW/ ºC
Ta>25ºC
Icc1
µA
IL=0mA
350
1.2
40
120
30
90
0.2
0.6
Ta=-20
~75ºC, IL=30mA
Vsat
VIN=3.5V, Isink=1mA
0.2
0.4
RL=2.2k
Vsat
<0.4V
RL=100k
Vsat<0.4V
0.7
0.7
0.8
60
VON/OFF=0V
20
Cd=0µF
150
VON
VOFF
1.6
VIN+0.3
-0.3
0.4
V
V
VIN
V
VOUT+0.3
8
IL=30mA
Cd=0.1µF
10
ms
20
5
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC,unless otherwise noted.)
Parameter
Condition
Ratings
Unit
Symbol
Input voltage
Load current *1
Power dissipation
Storage temperature
ELECTRICAL CHARACTERISTICS(Ta=25ºC, VIN=5V, CI=10µF, Co=47µF, unless otherwise noed.)
Symbol
Parameter
Test conditions
Unit
Max.
Typ.
Min.
Limits
Supply voltage range
Circuit current 1
Output voltage
Input/output differential
Input regulation
Load regulation
Output noise voltage
Ripple rejection ratio
Output short holding current
Output voltage temp.coefficient
Circuit current at OFF
Detection voltage
Hysterisis voltage
Delay time
Output saturation voltage
Threshold operating voltage
L reset type
minimum supply
voltage for IC
operation
ON threshold voltage
OFF threshold voltage
Thermal derating ratio
Operating temperature
BW=10Hz
~100KHz
=
=
2


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn