Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M62520FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62520FP
Description  HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62520FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M62520FP
000512
(
/4)
MITSUBISHI<Standard LinearICs>
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED
OUTPUT VOLTAGE REGULATOR WITH RESET
PRELIMINARY
Outline 8P2S-A
NC
Reset output
ON/OFF
VIN
Reg. output
NC
GND
Cd
1
2
3
4
8
7
6
5
Err.
Amp.
GND
+
-
+
-
ON/
OFF
4
5
2
3
7
8
1
FEATURES
*High precision output voltage-----3.3V±2%
*High output current-----------300mA(max.)
*High ripple rejection ratio--------80dB(typ.)
*Low input/output differential--- 0.3V(typ.)(IL=150mA)
*Small limiting current due to shorted loads by drooping
fold-back protection------------ 20mA(typ.)
*Load regulation----------------30mV(typ.)
*ON/OFF control available for regulator output
*Non-adjustment for reset detection voltage----3.9V±2%
*Reset--monitors input voltage 5V
APPLICATION
OA equipments such as printer, CD-ROM, and so forth
DESCRIPTION
M62520FP is monolithic integrated circuit integrating high
precision regulator and reset IC targeted for printer, CD-ROM,
CD-R, and the other OA equipments. This regulator features
high precision output, low input/output differential, high
current capability, and high ripple rejection ratio. Compact
application design is made easy by small 8pin package.
Overcurrent limit
circuit
Reg.
output
Reset
output
PIN CONFIGURATION(TOP VIEW)
Some parametric limits are subject to change.
Cd
VIN


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn