Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62520FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62520FP
Description  HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62520FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M62520FP
000512
(
/4)
MITSUBISHI<Standard LinearICs>
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED
OUTPUT VOLTAGE REGULATOR WITH RESET
PRELIMINARY
Note1. R is a pull-up resistance for reset terminal. 2.2kohm is recommended for the value.
Note2. C1 works for stabilizing input voltage. Recommended value is 10uF.
Note3. Co works for preventing the output voltage from oscillation. Minimum value is 10uF.
Recommended value is 47uF.
Note4. Delay time for reset is changeable by the capacitance connected to Cd terminal.
Even when no capacitor is connected, 30usec.(typ.) delay time is available.
Below shows how to set the delay time.
Delay time:Tpd(ms)=100×Cd(µF)
Example:when 0.1uF is connected to Cd terminal.
Tpd(ms)=100×0.1(µF)
=10 (ms)
Note5. Connect ON/OFF terminal and VIN when ON/OFF function is not needed.
Note6. Get the capacitors close to IC terminals in case the operation is not stabilized by the
wiring resistance between each capacitor and IC terminals.
4
C I
R
4
7
5
Vout
+
+
Co
IL
VIN
3
2
8
Cd
ON/OFF
RESET
M62520FP
STANDARD CONNECTIONS


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn