Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM10Q-200 Datasheet(PDF) 4 Page - Protek Devices

Part # EM10Q-200
Description  LCD - EMI FILTER/TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM10Q-200 Datasheet(HTML) 4 Page - Protek Devices

  EM10Q-200 Datasheet HTML 1Page - Protek Devices EM10Q-200 Datasheet HTML 2Page - Protek Devices EM10Q-200 Datasheet HTML 3Page - Protek Devices EM10Q-200 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05216.R1 3/05
EM10Q-200
PACKAGE OUTLINE
A
B
D
E
F
G
H
I
3.500 SQ ± 0.050
1.830 SQ ± 0.050
0.510 BSC
0.250 ± 0.05
0.450 ± 0.05
0.760 ± 0.05
0.000 - 0.05
0.203 ± 0.025
0.1377 SQ ± 0.0019
0.0720 SQ ± 0.0019
0.020 BSC
0.0098 ± 0.0019
0.0177 ± 0.0019
0.0299 ± 0.0019
0.000 - 0.0019
0.0079 ± 0.0009
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
0.1771
0.0322
0.0393
0.0200
0.0122
1
2
3
4
5
4.500
0.820
1.000
0.500
0.310
DIM Millimeters
Inches
TYPICAL
MOUNTING PAD
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and
reeled in accordance with EIA 481.
2. Suffix-T7 = 7 Inch Reels - 1,000
pieces per 8mm tape, i.e.,
EM10Q-200-T7.
3. Suffix-T13 = 13 Inch Reels - 3,000
pieces per 8mm tape,
i.e.,
EM10Q-200-T13.
4. Suffix-LF = Lead-Free, Pure Tin Plating,
i.e,
EM10Q-200-LF-T7.
Outline & Dimensions: Rev 0 - 3/04, 06053
Pin 1 Identified by Dot
A
B
TOP VIEW
E
D
Chamfer 0.300 x 45’
F
G
H
I
SIDE VIEW
5
4
3
1
2
PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com


Similar Part No. - EM10Q-200

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM10Q-100 PROTEC-EM10Q-100 Datasheet
98Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
More results

Similar Description - EM10Q-200

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM8Q200 PROTEC-EM8Q200 Datasheet
110Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM8Q-100 PROTEC-EM8Q-100_12 Datasheet
550Kb / 6P
   LCD EMI FILTER/TVS ARRAY
EM10Q100 PROTEC-EM10Q100 Datasheet
98Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM8Q-100 PROTEC-EM8Q-100_11 Datasheet
548Kb / 6P
   LCD emi filter/tvs array
EM8Q-200 PROTEC-EM8Q-200 Datasheet
79Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM8Q100 PROTEC-EM8Q100 Datasheet
108Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com