Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2660130000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2660130000
Description  U-CREATE-STUDIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2660130000 Datasheet(HTML) 1 Page - Weidmuller

  2660130000 Datasheet HTML 1Page - Weidmuller 2660130000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data sheet
 
 
Creation date November 4, 2021 1:37:03 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
1
U-CREATE-STUDIO
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
u-mation paves your way towards Industry 4.0 and the
IoT. With our optimally coordinated portfolio of modern
automation hardware and innovative engineering and
visualisation software, you can implement individually
scalable digitalisation and automation solutions. With u-
mation, you optimise all process levels from the sensor to
the cloud, for example by implementing flexible control
applications or data-based predictive maintenance with
industrial analytics. u-mation. More than Automation.
Digital Solutions
General ordering data
 
Order No.
2660130000
Type
U-CREATE-STUDIO
GTIN (EAN)
4050118694130
Qty.
1 pc(s).
 


Similar Part No. - 2660130000

ManufacturerPart #DatasheetDescription
KR Electronics, Inc.
KR Electronics, Inc.
2660 KR-2660 Datasheet
78Kb / 2P
   Bandpass Filter
List of Unclassifed Manufacturers
List of Unclassifed Man...
2660 ETC2-2660 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
Littelfuse
Littelfuse
2660000100 LITTELFUSE-2660000100 Datasheet
121Kb / 1P
   Holder/No. 266 / Holder/No. 268
Weidmuller
Weidmuller
2660200277 WEIDMULLER-2660200277 Datasheet
149Kb / 3P
   PRO PM 35W 5V 7A
2660200278 WEIDMULLER-2660200278 Datasheet
149Kb / 3P
   PRO PM 35W 12V 3A
More results

Similar Description - 2660130000

ManufacturerPart #DatasheetDescription
Weidmuller
Weidmuller
2722630000 WEIDMULLER-2722630000 Datasheet
58Kb / 2P
   U-CREATE-STUDIO-ANNUAL
November 4, 2021
2722700000 WEIDMULLER-2722700000 Datasheet
56Kb / 2P
   U-CREATE-STUDIO-SIMULATION
November 4, 2021
2697570000 WEIDMULLER-2697570000 Datasheet
58Kb / 2P
   U-CREATE-STUDIO-RT-OPCUA
November 4, 2021
2705650000 WEIDMULLER-2705650000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-500
November 4, 2021
2705740000 WEIDMULLER-2705740000 Datasheet
136Kb / 2P
   U-CREATE-PROCON-WEB-RT-500
November 4, 2021
2705760000 WEIDMULLER-2705760000 Datasheet
136Kb / 2P
   U-CREATE-PROCON-WEB-RT-2000
November 4, 2021
2705660000 WEIDMULLER-2705660000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-500
November 4, 2021
2705670000 WEIDMULLER-2705670000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-2000
November 4, 2021
2705680000 WEIDMULLER-2705680000 Datasheet
137Kb / 2P
   U-CREATE-PROCON-WEB-D-5000
November 4, 2021
2705750000 WEIDMULLER-2705750000 Datasheet
136Kb / 2P
   U-CREATE-PROCON-WEB-RT-1000
November 4, 2021
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com