Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9261A Datasheet(PDF) 7 Page - OKI electronic componets

Part No. ML9261A
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

ML9261A Datasheet(HTML) 7 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
7/16
ELECTRICAL CHARACTERISTICS
DC Characteristics-1
(VDD = 4.5 to 5.5 V, VDISP = 20 to 60 V, Ta = –40 to +85°C)
Parameter
Symbol
Applicable pin
Condition
Min.
Typ.
Max.
Unit
“H” Input Voltage
VIH
All inputs
0.7 VDD
V
“L” Input Voltage
VIL
All inputs
0.3 VDD
V
lIH1
DIN, CLK, LS
VDD = VIN = 5.5 V
–1.0
+1.0
µA
“H” Input Current
IIH2
CL, CHG
VDD = VIN = 5.5 V
5.0
80
µA
“L” Input Current
IIL
All inputs
VDD = 5.5 V, VIN = 0 V
–1.0
+1.0
µA
Input Capacitance
CIN
All inputs
Ta = 25°C
15
pF
VOH1
DOUT
IOH = –0.1 mA
VDD–1
V
“H” Output Voltage
VOH2
HVO1 to 60
VDISP = 40 V
IOH = –40 mA
VDISP–4
V
VOL1
DOUT
IOL = 0.1 mA
1.1
V
“L” Output Voltage
VOL2
HVO1 to 60
VDISP = 40 V
IOL = 1 mA
3.0
V
IDD1
VDD
All inputs: “L”
10.0
µA
IDD2
VDD
All inputs: “H”
10.0
µA
IDISP1
VDISP
All inputs: “L”
70.0
µA
Supply Current
IDISP2
VDISP
No load
All inputs: “H”
70.0
µA
DC Characteristics-2
(VDD = 3.0 to 3.6 V, VDISP = 20 to 60 V, Ta = –40 to +85°C)
Parameter
Symbol
Applicable pin
Condition
Min.
Typ.
Max.
Unit
“H” Input Voltage
VIH
All inputs
0.8 VDD
V
“L” Input Voltage
VIL
All inputs
0.2 VDD
V
lIH1
DIN, CLK, LS
VDD = VIN = 3.3 V
–1.0
+1.0
µA
“H” Input Current
IIH2
CL, CHG
VDD = VIN = 3.3 V
2.0
50
µA
“L” Input Current
IIL
All inputs
VDD = 3.3 V, VIN = 0 V
–1.0
+1.0
µA
Input Capacitance
CIN
All inputs
Ta = 25°C
15
pF
VOH1
DOUT
IOH = –0.1 mA
VDD–1
V
“H” Output Voltage
VOH2
HVO1 to 60
VDISP = 40 V
IOH = –40 mA
VDISP–4
V
VOL1
DOUT
IOL = 0.1 mA
1.1
V
“L” Output Voltage
VOL2
HVO1 to 60
VDISP = 40 V
IOL = 1 mA
3.0
V
IDD1
VDD
All inputs: “L”
10.0
µA
IDD2
VDD
All inputs: “H”
10.0
µA
IDISP1
VDISP
All inputs: “L”
70.0
µA
Supply Current
IDISP2
VDISP
No load
All inputs: “H”
70.0
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn