Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9226 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. ML9226
Description  32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9226 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9226 Datasheet HTML 2Page - OKI electronic componets ML9226 Datasheet HTML 3Page - OKI electronic componets ML9226 Datasheet HTML 4Page - OKI electronic componets ML9226 Datasheet HTML 5Page - OKI electronic componets ML9226 Datasheet HTML 6Page - OKI electronic componets ML9226 Datasheet HTML 7Page - OKI electronic componets ML9226 Datasheet HTML 8Page - OKI electronic componets ML9226 Datasheet HTML 9Page - OKI electronic componets ML9226 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
FEDL9226-01
OKI Semiconductor
ML9226
6/26
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDISP
–0.3 to +20
V
Input Voltage
VIN
–0.3 to +6.0
V
Power Dissipation
PD
Ta = 85°C
QFP80-P-1420-0.80-BK
263
mW
Storage Temperature
TSTG
–55 to +150
°C
IO1
SEG1 to 22
–10.0 to +2.0
mA
IO2
SEG23 to 32
–20.0 to +2.0
mA
IO3
GRID1 to 3
–10.0 to +20.0
mA
Output Current
IO4
DIM OUT, SYNC OUT1, SYNC OUT2
–2.0 to +2.0
mA
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Driver Supply Voltage
VDISP
8.0
13.0
18.5
V
High Level Input Voltage
VIH
All inputs except OSC0
3.8
V
Low Level Input Voltage
VIL
All inputs except OSC0
0.8
V
Clock Frequency
fC
2.0
MHz
Oscillation Frequency
fOSC
R = 10 k
Ω ±5%, Co = 27 pF ±5%
2.2
3.3
4.4
MHz
1/3 Duty
179
269
358
Hz
Frame Frequency
fFR
R = 10 k
Ω ±5%
Co = 27 pF
±5%
1/2 Duty
268
403
538
Hz
Operating Temperature
TOP
–40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn