Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9226 Datasheet(PDF) 4 Page - OKI electronic componets

Part No. ML9226
Description  32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9226 Datasheet(HTML) 4 Page - OKI electronic componets

  ML9226 Datasheet HTML 1Page - OKI electronic componets ML9226 Datasheet HTML 2Page - OKI electronic componets ML9226 Datasheet HTML 3Page - OKI electronic componets ML9226 Datasheet HTML 4Page - OKI electronic componets ML9226 Datasheet HTML 5Page - OKI electronic componets ML9226 Datasheet HTML 6Page - OKI electronic componets ML9226 Datasheet HTML 7Page - OKI electronic componets ML9226 Datasheet HTML 8Page - OKI electronic componets ML9226 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
FEDL9226-01
OKI Semiconductor
ML9226
4/26
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
1, 64
VDISP
Power supply pins.
Pin1 and pin64 should be connected externally.
10
D-GND
33
L-GND
D-GND is ground pin for the VFD driver circuit. L-GND is ground pin for
the logic circuit. Pins 10 and 33 should be connected externally.
30
VCC
O
5 V output pin for internal logic portion and external logic circuit.
41
VREG
O
Reference voltage (5 V) output pin for A/D converter.
50 to 63,
65 to 67,
69 to 71,
73, 74
SEG1 to 22
O
Segment (anode) signal output pins for a VFD tube.
These pins can be directly connected to the VFD tube. External circuit is
not required. IOH ≤ –5 mA
75, 76,
78 to 80,
2 to 6
SEG23 to 32
O
Segment (anode) signal output pins for a VFD tube.
These pins can be directly connected to the VFD tube. External circuit is
not required. IOH ≤ –10 mA
7, 8, 9
GRID1 to 3
O
Inverted Grid signal output pins.
For pre-driver, the external circuit is requiend. IOL ≤ 10 mA
36
CS
I
Chip Select input pin.
Data input/output operation is valid when this pin is set at a High level.
35
CLOCK
I
Serial clock input pin.
Data is input and/or output through the DATA I/O pin at the rising edge of
the serial clock.
34
DATA I/O
I/O
Serial data input/output pin.
Data is input to/comes out from the shift register at the rising edge of the
serial clock.
27
INT
O
Interrupt signal output to microcontroller. When any key of key matrix is
pressed or released, key scanning is started. After the completion of the
one cycle, this pin goes to high level and keeps the high level until
keyscan stop mode is selected.
29
DUP/
TRI
I
Duplex/Triplex operation select input pin.
Duplex (1/2 duty) operation is selected when this pin is set at a VCC level.
Triplex (1/3 duty) operation is selected when this pin is set at a GND level.
42 to 49
CH1 to 8
I
Analog voltage input pin for the 8-bit A/D converter.
21 to 26
A1 to A3
B1 to B3
I
Input pin for the encoder type rotary switch. The phase of an An/Bn input
is detected.
16 to 20
COL1 to 5
I
Return inputs from the key matrix.
These pins are active low. When key matrix are in the inactive sate, these
pins are at high level through the internal pull-up resistors. All the inputs
do not have the cahttering absorption function for the keyscans.
11 to 15
ROW1 to 5
O
Key switch scanning outputs.
Normally low level is output through these pin. When any switch of key
matrix is depressed or released, key scanning is started and is continued
until keyscan stop mode is selected. When keyscan stop mode is
selected, all outputs of ROW1 to 5 go back to low level.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn