Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9222 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. ML9222
Description  32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9222 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9222 Datasheet HTML 2Page - OKI electronic componets ML9222 Datasheet HTML 3Page - OKI electronic componets ML9222 Datasheet HTML 4Page - OKI electronic componets ML9222 Datasheet HTML 5Page - OKI electronic componets ML9222 Datasheet HTML 6Page - OKI electronic componets ML9222 Datasheet HTML 7Page - OKI electronic componets ML9222 Datasheet HTML 8Page - OKI electronic componets ML9222 Datasheet HTML 9Page - OKI electronic componets ML9222 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
¡ Semiconductor
ML9222
6/25
FEDL9222-02
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
VDD
Driver Supply Voltage
VIH
High Level Input Voltage
VIL
Low Level Input Voltage
fC
Clock Frequency
TOP
Operating Temperature
Condition
Min.
Typ.
Max.
Unit
8.0
13.0
18.5
V
All inputs except OSC0
3.8
5.5
V
All inputs except OSC0
0.0
0.8
V
1.0
MHz
–40
+85
°C
fOSC
Oscillation Frequency
R2 = 10kW±5%, C2 = 27pF±5%
2.6
3.3
4.0
MHz
fFR
Frame Frequency
1/3 Duty
211
269
325
Hz
1/2 Duty
317
403
488
Hz
R2 = 10kW±5%
C2 = 27pF±5%
Parameter
Symbol
Condition
Rating
Unit
VDD
—V
Supply Voltage
VIN
—V
Input Voltage
PD
Ta = 85°C
mW
Power Dissipation
TSTG
—°C
Storage Temperature
IO1
SEG1 to 22
mA
IO2
SEG23 to 32
mA
Output Current
IO3
GRID1 to 3
mA
IO4
DIM OUT, SYNC OUT1, SYNC OUT2
mA
–0.3 to +20
–0.3 to +6.0
764
–55 to +150
–10.0 to +2.0
–20.0 to +2.0
–7.0 to +20.0
–2.0 to +2.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn