Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9090A-01GA Datasheet(PDF) 29 Page - OKI electronic componets

Part # ML9090A-01GA
Description  LCD Driver with Key Scanner and RAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9090A-01GA Datasheet(HTML) 29 Page - OKI electronic componets

Back Button ML9090A-01GA Datasheet HTML 25Page - OKI electronic componets ML9090A-01GA Datasheet HTML 26Page - OKI electronic componets ML9090A-01GA Datasheet HTML 27Page - OKI electronic componets ML9090A-01GA Datasheet HTML 28Page - OKI electronic componets ML9090A-01GA Datasheet HTML 29Page - OKI electronic componets ML9090A-01GA Datasheet HTML 30Page - OKI electronic componets ML9090A-01GA Datasheet HTML 31Page - OKI electronic componets ML9090A-01GA Datasheet HTML 32Page - OKI electronic componets ML9090A-01GA Datasheet HTML 33Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
FEDL9090A-01
1Semiconductor
ML9090A-01, -02
29/41
Display Screen and Memory Address Allocation
The ML9090A-01/02 contains display data RAM (80 bits by 18 bits) of a bitmap type.
The allocation of memory addresses varies according to the selected word length (6 bits or 8 bits) as shown in
Figure 2: 0 to 9 for selection of 8 bits per word or 0 to 13 for selection of 6 bits per word.
The X address 13 in the 6-bits/word mode has two display memory bits. The two bits (D5 and D4) starting from bit
D5 of the display data register are written in memory and the other bits (D3 to D0) are ignored.
Address Allocation in the 8-bits/word mode
Address Allocation in the 6-bits/word mode
0
1
2
9
0
1
17
(X address)
(D7)
(D0)
(8 bits)
0
1
2
13
0
1
17
(X address)
(D5)
(D0)
(6 bits)
(D5)
(D4)
(2 bits)
Figure 2 Display Memory Addresses
In the 8-bits/word mode, data to be displayed is written in display memory with the D7 data of the display data
register at address (Xn, Yn) and the D0 data at address (Xn + 7, Yn). Similarly, In the 6-bits/word mode, data to be
displayed is written in display memory with the D5 data of the display data register at address (Xn, Yn) and the D0
data at address (Xn + 5, Yn). See Figure 3.
Data “1” in display memory represents turning on the corresponding display segment and data “0” in display
memory represents turning off the corresponding display segment.
0
0
0
0
11
1
11
X address
Y0
Y1
Y17
Common
output
(COM1)
(COM2)
(COM18)
RAM for 80 dots by 18 dots display
(D7)
(D5)
(D0) For 8 bits per word
(D0) For 6 bits per word
Figure 3 Display Screen Bit Allocation and Memory Addresses


Similar Part No. - ML9090A-01GA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
ML9090-02 OKI-ML9090-02 Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9090A-01GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com