Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5412222B-30TS-K Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM5412222B-30TS-K
Description  262,214-Word12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222B-30TS-K Datasheet(HTML) 3 Page - OKI electronic componets

  MSM5412222B-30TS-K Datasheet HTML 1Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 2Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 3Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 4Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 5Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 6Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 7Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 8Page - OKI electronic componets MSM5412222B-30TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
FEDS5412222B-01
OKI Semiconductor
MSM5412222B
3/17
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
SWCK
Serial Write Clock
SRCK
Serial Read Clock
WE
Write Enable
RE
Read Enable
IE
Input Enable
OE
Output Enable
RSTW
Write Reset Clock
RSTR
Read Reset Clock
DIN0 to 11
Data Input
DOUT0 to 11
Data Output
VCC
Power Supply (5.0 V)
VSS
Ground (0 V)
NC
No Connection
Note:
The same power supply voltage must be provided to every VCC pin, and the same GND voltage
level must be provided to every VSS pin.
VSS
VCC
DOUT11
DOUT10
DOUT9
DOUT8
DOUT7
DOUT6
DOUT5
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
SRCK
RSTR
RE
OE
VSS
VCC
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VSS
NC
DIN11
DIN10
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
SWCK
RSTW
WE
IE
NC
VCC
VSS
DOUT11
DOUT10
NC
DOUT9
DOUT8
DOUT7
DOUT6
VCC
DOUT5
DOUT4
DOUT3
DOUT2
VSS
DOUT1
DOUT0
SRCK
RSTR
NC
RE
OE
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VSS
DIN11
DIN10
NC
DIN9
DIN8
DIN7
DIN6
NC
DIN5
DIN4
DIN3
DIN2
NC
DIN1
DIN0
SWCK
RSTW
NC
WE
IE
VCC
44-Pin Plastic TSOP (2)
(K Type)
40-Pin Plastic SOJ


Similar Part No. - MSM5412222B-30TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
More results

Similar Description - MSM5412222B-30TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com