Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5116400F-XXSJ Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5116400F-XXSJ
Description  4,194,304-Word4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116400F-XXSJ Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5116400F-XXSJ Datasheet HTML 3Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 4Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 5Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 6Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 7Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 8Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 9Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 10Page - OKI electronic componets MSM5116400F-XXSJ Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FEDD5116400F-01
1Semiconductor
MSM5116400F
7/15
AC CHARACTERISTICS (2/2)
(VCC = 5V ± 10%, Ta = 0 to 70°C) Note1,2,3,11,12
MSM5116400
F-50
MSM5116400
F-60
MSM5116400
F-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Row Address Hold Time
tRAH
7
10
10
ns
Column Address Set-up Time
tASC
0
0
0
ns
Column Address Hold Time
tCAH
7
10
15
ns
Column Address to
RAS Lead Time
tRAL
25
30
35
ns
Read Command Set-up Time
tRCS
0
0
0
ns
Read Command Hold Time
tRCH
0
0
0
ns
8
Read Command Hold Time
referenced to
RAS
tRRH
0
0
0
ns
8
Write Command Set-up Time
tWCS
0
0
0
ns
9
Write Command Hold Time
tWCH
7
10
15
ns
Write Command Pulse Width
tWP
7
10
10
ns
OE Command Hold Time
tOEH
13
15
20
ns
Write Command to
RAS Lead Time
tRWL
13
15
20
ns
Write Command to
CAS Lead Time
tCWL
13
15
20
ns
Data-in Set-up Time
tDS
0
0
0
ns
10
Data-in Hold Time
tDH
7
10
15
ns
10
OE to Data-in Delay Time
tOED
13
15
20
ns
CAS to WE Delay Time
tCWD
36
40
50
ns
9
Column Address to
WE Delay Time
tAWD
48
55
65
ns
9
RAS to WE Delay Time
tRWD
73
85
100
ns
9
CAS Precharge WE Delay Time
tCPWD
53
60
70
ns
9
CAS Active Delay Time from RAS
Precharge
tRPC
5
5
5
ns
RAS to CAS Set-up Time
(
CAS before RAS)
tCSR
10
10
10
ns
RAS to CAS Hold Time
(
CAS before RAS)
tCHR
10
10
10
ns
WE to RAS Precharge Time
(
CAS before RAS)
tWRP
10
10
10
ns
WE Hold Time from RAS
(
CAS before RAS)
tWRH
10
10
10
ns
RAS to WE Set-up Time (Test Mode) t
WTS
10
10
10
ns
RAS to WE Hold Time (Test Mode)
tWTH
10
10
10
ns


Similar Part No. - MSM5116400F-XXSJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D-50 OKI-MSM5116400D-50 Datasheet
160Kb / 14P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5116400F-XXSJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17400F OKI-MSM51V17400F Datasheet
238Kb / 15P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51X17400F OKI-MSM51X17400F Datasheet
148Kb / 13P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400F OKI-MSM5117400F Datasheet
214Kb / 15P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17405F OKI-MSM51V17405F Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405F OKI-MSM51V16405F Datasheet
243Kb / 18P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405F OKI-MSM5117405F Datasheet
220Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com