Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222B Datasheet(PDF) 14 Page - OKI electronic componets

Part No. MSM5412222B
Description  262,214-Word × 12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM5412222B Datasheet(HTML) 14 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
FEDS5412222B-01
OKI Semiconductor
MSM5412222B
14/17
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Packages
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
TSOP(2)44-P-400-0.80-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
0.54 TYP.
5
Rev. No./Last Revised
3/Dec. 10, 1996
(Unit: mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM548332278 400-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn