Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222B Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MSM5412222B
Description  262,214-Word × 12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM5412222B Datasheet(HTML) 10 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FEDS5412222B-01
OKI Semiconductor
MSM5412222B
10/17
Notes: 1. Input signal reference levels for the parameter measurement are V
IH
= 3.0 V and V
IL
= 0 V. The
transition time t
T
is defined to be a transition time that signal transfers between V
IH
= 3.0 V and
V
IL
= 0 V.
2. AC measurements assume t
T
= 3 ns.
3. Read address must have more than a 150 address delay than write address in every cycle
when asynchronous read/write is performed.
4. Read must have more than a 150 address delay than write in order to read the data written in
a current series of write cycles which has been started at last write reset cycle: this is called
“new data read”.
When read has less than a 20 address delay than write, the read data are the data written in a
previous series of write cycles which had been written before at last write reset cycle: this is
called “old data read”.
5. When the read address delay is between more than 21 and less than 149, read data will be
undetermined. However, normal write is achieved in this address condition.
6. Outputs are measured with a load equivalent to 1 TTL load and 30 pF.
Output reference levels are V
OH
= 2.0 V and V
OL
= 0.8 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM548332278 400-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn