Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222B Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM5412222B
Description  262,214-Word × 12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222B Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5412222B Datasheet HTML 1Page - OKI electronic componets MSM5412222B Datasheet HTML 2Page - OKI electronic componets MSM5412222B Datasheet HTML 3Page - OKI electronic componets MSM5412222B Datasheet HTML 4Page - OKI electronic componets MSM5412222B Datasheet HTML 5Page - OKI electronic componets MSM5412222B Datasheet HTML 6Page - OKI electronic componets MSM5412222B Datasheet HTML 7Page - OKI electronic componets MSM5412222B Datasheet HTML 8Page - OKI electronic componets MSM5412222B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
OKI Semiconductor
FEDS5412222B-01
Issue Date: Nov.,20, 2002
MSM5412222B
262,214-Word
× 12-Bit Field Memory
1/17
GENERAL DESCRIPTION
The OKI MSM5412222B is a high performance 3-Mbit, 256K
× 12-bit, Field Memory. It is especially designed
for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies and
Multi-media systems. MSM5412222B is a FRAM for wide or low end use in general commodity TVs and VTRs
exclusively. MSM5412222B is not designed for the other use or high end use in medical systems, professional
graphics systems which require long term picture storage, data storage systems and others. More than two
MSM5412222Bs can be cascaded directly without any delay devices among the MSM5412222Bs. (Cascading of
MSM5412222B provides larger storage depth or a longer delay).
Each of the 12-bit planes has separate serial write and read ports. These employ independent control clocks to
support asynchronous read and write operations. Different clock rates are also supported that allow alternate data
rates between write and read data streams.
The MSM5412222B provides high speed FIFO, First-In First-Out, operation without external refreshing:
MSM5412222B refreshes its DRAM storage cells automatically, so that it appears fully static to the users.
Moreover, fully static type memory cells and decoders for serial access enable the refresh free serial access
operation, so that serial read and/or write control clock can be halted high or low for any duration as long as the
power is on. Internal conflicts of memory access and refreshing operations are prevented by special arbitration
logic.
The MSM5412222B’s function is simple, and similar to a digital delay device whose delay-bit-length is easily set
by reset timing. The delay length, number of read delay clocks between write and read, is determined by externally
controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 256
× 12-bit enable high speed
first-bit-access with no clock delay just after the write or read reset timings.
Additionally, the MSM5412222B has write mask function or input enable function (IE), and read-data skipping
function or output enable function (OE) . The differences between write enable (WE) and input enable (IE), and
between read enable (RE) and output enable (OE) are that WE and RE can stop serial write/read address
increments, but IE and OE cannot stop the increment, when write/read clocking is continuously applied to
MSM5412222B. The input enable (IE) function allows the user to write into selected locations of the memory
only, leaving the rest of the memory contents unchanged. This facilitates data processing to display a “picture in
picture” on a TV screen.
The MSM5412222B is similar in operation and functionality to OKI 1-Mbit Field Memory MSM514222C and
2-Mbit Field Memory MSM518222A. Three MSM514222Cs or one MSM514222C plus one MSM518222A can
be replaced simply by one MSM5412222B.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM548332278 400-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn