Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222B Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM5412222B
Description  262,214-Word × 12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM5412222B Datasheet(HTML) 8 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FEDS5412222B-01
OKI Semiconductor
MSM5412222B
8/17
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Conditon
Rating
Unit
Input Output Voltage
VT
at Ta = 25
°C, V
SS
–1.0 to +7.0
V
Output Current
IOS
Ta = 25
°C
50
mA
Power Dissipation
PD
Ta = 25
°C
1
W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ
Max.
Unit
Power Supply Voltage
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.4
VCC
VCC +1
V
Input Low Voltage
VIL
–0.1
0
+0.8
V
DC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Unit
Input Leakage Current
ILI
0 < VI < VCC + 1 V, Other Pins Tested at V = 0 V
–10
+10
µA
Output Leakage Current
ILO
0 < VO < VCC
–10
+10
µA
Output “H” Level Voltage
VOH
IOH = –1 mA
2.4
V
Output “L” Level Voltage
VOL
IOL = 2 mA
0.4
V
Operating Current
ICC1
Minimum Cycle Time, Output Open
60
mA
Standby Current
ICC2
Input Pin = VIH/VIL
5
mA
Capacitance
(Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Max.
Unit
Input Capacitance (DIN, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE)
CI
6
pF
Output Capacitance (DOUT)
CO
7
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM548332278 400-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn