Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222B Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM5412222B
Description  262,214-Word × 12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222B Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5412222B Datasheet HTML 1Page - OKI electronic componets MSM5412222B Datasheet HTML 2Page - OKI electronic componets MSM5412222B Datasheet HTML 3Page - OKI electronic componets MSM5412222B Datasheet HTML 4Page - OKI electronic componets MSM5412222B Datasheet HTML 5Page - OKI electronic componets MSM5412222B Datasheet HTML 6Page - OKI electronic componets MSM5412222B Datasheet HTML 7Page - OKI electronic componets MSM5412222B Datasheet HTML 8Page - OKI electronic componets MSM5412222B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FEDS5412222B-01
OKI Semiconductor
MSM5412222B
2/17
FEATURES
• Single power supply: 5.0 V ±0.5 V
• 262,214 words × 12 bits
• Fast FIFO (First-In First-Out) operation
• High speed asynchronous serial access
Read/write cycle time
25 ns/30 ns
Access time
23 ns/25 ns
• Direct cascading capability
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package options:
44-pin 400 mil plastic TSOP (Type 2)
(TSOP(2)44-P-400-0.80-K) (Product:MSM5412222B-xxTS-K)
40-pin 400 mil plastic SOJ
(SOJ40-P-400-1.27)
(Product: MSM5412222B-xxJS)
xx indicates speed rank.
PRODUCT FAMILY
Family
Access Time (Max.)
Cycle Time (Min.)
Package
MSM5412222B-25TS-K
23 ns
25 ns
MSM5412222B-30TS-K
25 ns
30 ns
400 mil 44-pin TSOP (2)
MSM5412222B-25JS
23 ns
25 ns
MSM5412222B-30JS
25 ns
30 ns
400 mil 40-pin SOJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM548332278 400-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn