Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7012 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML7012
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7012 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML7012 Datasheet HTML 7Page - OKI electronic componets ML7012 Datasheet HTML 8Page - OKI electronic componets ML7012 Datasheet HTML 9Page - OKI electronic componets ML7012 Datasheet HTML 10Page - OKI electronic componets ML7012 Datasheet HTML 11Page - OKI electronic componets ML7012 Datasheet HTML 12Page - OKI electronic componets ML7012 Datasheet HTML 13Page - OKI electronic componets ML7012 Datasheet HTML 14Page - OKI electronic componets ML7012 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
FEDL 7012-04-01
1Semiconductor
ML7012-04
11/22
(3) AT command list
It is regarded that n = 0 when the parameter is not specified to the command with parameter (n).
CMD
Style
Function
Initial Value
Note
+++AT
<CR>
Goes to on-line command mode from data mode.
Inputs +++AT <CR> in data mode.
Does not move to on-line command mode until <CR>is
input.
A
ATA
Starts line connection in answer mode
ATD
Starts line connection in originate mode
D
ATDc
Connects lines in originate mode after dialing.
c: Dial control character
Pulse: 0, 1, 2, 3 ,4, 5, 6, 7, 8, 9
Tone: 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, A, B, C, D, *, #
@ Silence Detection
Next dialing is executed when continuous silence of 5 sec is
detected after ring back tone within the period specified in S7
register.
Sends back ‘BUSY’ when busy tone is detected and sends
back ‘NO ANSWER’ when no silence is detected after ring
back tone.
! Flash
Dialing is put on hold for the period specified in the S8
register for pause settings.
,Comma
The line is put on-hook for 0.5 sec.
Dialing is put on hold for the period specified in the S8
register for pause settings.
; Moves to command mode without disconnecting lines after
dialing is completed.
P: Dials the number in pulse mode thereafter.
T: Dials the number in tone mode thereafter.
W: Detects a dial tone.
Detects the next dial string process when dial tone is
detected during the period specified in S7 register
regardless of ATXn command settings.
When it is not detected, ‘NO DIALTONE’ is returned.
EATEn
Selects the answer-back function for the commands.
N = 0: No answer back for command input characters.
N = 1: Answer back for command input characters.
1
HATH
Controls the line connection.
N = 0: On-hook
N = 1: Off-hook
IATI
Displays the modem manufacturer’s code
'24A' as a result code is returned to DTE after ATI0<CR> is
executed.
MATMn
Selects the monitor speaker operation.
N = 0: Always OFF
N = 1: ON from dialing to line connection
N = 2: Always ON
N = 3: ON when connected with a remote modem
1
O
ATO
Goes to data mode from on-line command mode.


Similar Part No. - ML7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
More results

Similar Description - ML7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
   RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
   2400/1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
   300 bps Full Duplex FSK Modem - ITU-T V.21
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com