Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM538052E Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM538052E
Description  524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM538052E Datasheet(HTML) 5 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MSM538052E
5
Address
tC
OE
DOUT
tACC
tOE
tOH
AC CHARACTERISTICS
Test conditions
Parameter
Conditions
Input Signal Level
Transtion Time
Timing Reference Level
Load Condition
V
IH=3.0V, VIL=0.0V
tr=tf=5ns
Input Voltage=1.5V
Output Voltage=0.8V&2.0V
CL=100pF+1TTL
Random Access Cycle time
Parameter
Symbol
Unit
Typ.
100
Conditions
Min.
Max.
ns
100
50
40
0
30
0
0
Read Cycle
Random Address Access time
Page Set up time
OE Access time
CE Output Disable time
OE Output Disable time
Output Hold time
ns
ns
ns
ns
ns
ns
Limits
(Ta = 0 to 70°C)
120
t
C
t
ACC
t
PSET
t
OE
t
CHZ
t
OHZ
t
OH
Page Access Cycle time
50
ns
50
100
Page Access time
CE Access time
ns
ns
t
PC
t
PAC
t
CE
Read Cycle (Note1)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn