Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM533232E Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM533232E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM533232E Datasheet(HTML) 1 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
1
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
DESCRIPTION
The OKI MSM533232E is a high-speed CMOS Mask ROM that can electrically switch
between 2,097,152-word x 16-bit or 4,194,304-word x 8-bit configurations. The MSM533232E
operates on a single 3.0V or 3.3V power supply but offers the same fast access times as
products operating at 5.0V. The MSM531622E make it suited as large capacity read-only
memory for portable microcomputers and data terminal equipment.
FEATURES
3.0V or 3.3V single power supply
2,097,152-word x 16-bit / 4,194,304-word x 8-bit
Access Time–Current Consumption
200ns–20mA @3.0V±10% operation
150ns–30mA @3.0V±10% operation
Tri-state output configurations
Internal powerdown function
Package:
44-PIN PLASTIC SOP (SOP44-P-600-K)
48-PIN PLASTIC TSOP (TSOP48-P-550-K)
MSM533232E


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn