Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM533232E Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM533232E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM533232E Datasheet(HTML) 6 Page - OKI electronic componets

  MSM533232E Datasheet HTML 1Page - OKI electronic componets MSM533232E Datasheet HTML 2Page - OKI electronic componets MSM533232E Datasheet HTML 3Page - OKI electronic componets MSM533232E Datasheet HTML 4Page - OKI electronic componets MSM533232E Datasheet HTML 5Page - OKI electronic componets MSM533232E Datasheet HTML 6Page - OKI electronic componets MSM533232E Datasheet HTML 7Page - OKI electronic componets MSM533232E Datasheet HTML 8Page - OKI electronic componets MSM533232E Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MSM533232E
6
AC CHARACTERISTICS
Timing conditions
Cycle time
Parameter
Symbol
t
C
Unit
Typ.
200
Conditions
(Ta = 0 to 70°C)
Min.
Max.
ns
200
——
200
——
100
70
0
60
0
0
Parameter
Conditions
Input Signal Level
Transtion Time
Timing Reference Level
Load Condition
VIH=2.4V, VIL=0.6V
tr=tf=5ns
Input Voltage=1.5V
Output Voltage=0.8V&2.0V
CL=100pF+1TTL
Read Cycle (Vcc=3.0V±0.3V)
Address Access time
CE Access time
OE Access time
CE Output Disable time
OE Output Disable time
Output Hold time
t
ACC
t
CE
t
OE
t
CHZ
t
OHZ
t
OH
ns
ns
ns
ns
ns
ns
Rated Value
Cycle time
Parameter
Symbol
tC
Unit
Typ.
150
Conditions
(Ta = 0 to 70°C)
Min.
Max.
ns
150
——
150
——
80
60
0
50
0
0
Read Cycle (Vcc=3.3V±0.3V)
Address Access time
CE Access time
OE Access time
CE Output Disable time
OE Output Disable time
Output Hold time
tACC
tCE
tOE
tCHZ
tOHZ
tOH
ns
ns
ns
ns
ns
ns
Value


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn