Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM533232E Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM533232E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM533232E Datasheet(HTML) 5 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MSM533232E
5
DC CHARACTERISTICS (VCC=3.0V±0.3V)
"H" Output Voltage
"L" Output Voltage
Parameter
Symbol
V
OH1
Unit
Typ.
Conditions
(VCC = 5V±10%, Ta = 0 to 70°C)
Min.
Max.
V
OH2
I
LI
I
LO
I
CC
I
CCSC
I
CCST
V
V
10
µA
30
mA
10
µA
50
µA
Input Leakage Current
Output Leakage Current
10
µA
DC CHARACTERISTICS (VCC=3.3V±0.3V)
Rated Value
V
OL1
0.1
V
OL2
V
0.4
V
CE = VIL,OE = VIH,tC = 150ns
CE = VCC–0.2V
CE = VIH MIN
IOH = –100µA
VI = 0 to VCC
VO = 0 to VCC
CE = VIH MIN
IOL = 100µA
IOI = 1.0mA
–10
–10
VCC – 0.1
VCC – 0.4
Power Supply Current
(Operating)
Power Supply Current
(Standby)
"H" Output Voltage
"L" Output Voltage
Parameter
Symbol
V
OH1
Unit
Typ.
Conditions
(VCC = 5V±10%, Ta = 0 to 70°C)
Min.
Max.
V
OH2
I
LI
I
LO
I
CC
I
CCSC
I
CCST
V
V
10
µA
20
mA
10
µA
50
µA
Input Leakage Current
Output Leakage Current
10
µA
Rated Value
V
OL1
0.1
V
OL2
V
0.4
V
CE = VIL,OE = VIH,tC = 200ns
CE = VCC–0.2V
CE = VIH MIN
IOH = –100µA
VI = 0 to VCC
VO = 0 to VCC
CE = VIH MIN
IOH = –400µA
IOL = 100µA
IOI = 1.0mA
–10
–10
VCC – 0.1
VCC – 0.4
Power Supply Current
(Operating)
Power Supply Current
(Standby)
IOH = –400µA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn