Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM533222E Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM533222E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM533222E Datasheet(HTML) 2 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSM533222E
2
PIN CONFIGURATION
45
A18
48 PIN TSOP
A8
A9
A11
A12
A13
A14
A15
A16
BYTE
V
SS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
V
CC
A10
44
43
42
4
5
6
7
41
40
39
38
8
9
10
11
37
36
35
34
12
13
14
15
33
32
31
30
16
17
18
19
29
28
27
26
20
21
22
23
25
24
A19
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
V
SS
OE
D0
D8
D1
D9
D2
D10
D3
D11
43
A18
44 PIN SOP
A8
A9
A11
A12
A13
A14
A15
A16
BYTE
V
SS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
V
CC
A10
42
41
40
2
3
4
5
39
38
37
36
6
7
8
9
35
34
33
32
10
11
12
13
31
30
29
28
14
15
16
17
27
26
25
24
18
19
20
21
23
22
A19
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
V
SS
OE
D0
D8
D1
D9
D2
D10
D3
D11
44
NC 1
A20
48
NC
NC
A20
47
1
2
NC
NC
NC
46
3
Pin Name
Function
D15/A-1
Data output / address input
A0 to A20
Address input
D0 to D15
Data output
CE
OE
Output enable
BYTE
Mode switch
VCC, VSS
Power supply
Chip enable


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn