Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM533202E Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM533202E
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM533202E Datasheet(HTML) 4 Page - OKI electronic componets

  MSM533202E Datasheet HTML 1Page - OKI electronic componets MSM533202E Datasheet HTML 2Page - OKI electronic componets MSM533202E Datasheet HTML 3Page - OKI electronic componets MSM533202E Datasheet HTML 4Page - OKI electronic componets MSM533202E Datasheet HTML 5Page - OKI electronic componets MSM533202E Datasheet HTML 6Page - OKI electronic componets MSM533202E Datasheet HTML 7Page - OKI electronic componets MSM533202E Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MSM533202E
4
Recommended Operating Conditions
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Operating Temperature
Storage Temperature
Power Supply Voltage
Input Voltage
Output Voltage
Power Dissipation
Parameter
Symbol
Unit
Limits
Conditions
Power Supply Voltage
"H" Input Voltage
"L" Input Voltage
Parameter
Symbol
Unit
5.5
Typ.
4.5
Conditions
V
V
V
W
Min.
Max.
5.0
V
0.0
0.0
0.0
V
2.2
5.0
V
0.8
0.0
V
Operating Temperature
70
0
Limits
"H" Output Voltage
"L" Output Voltage
Parameter
Symbol
Unit
Typ.
2.4
Conditions
Min.
Max.
Power Supply Current
(Operating)
V
0.4
V
10
µA
60
mA
50
µA
500
µA
Input Leakage Current
Output Leakage Current
Power Supply Current
(Standby)
10
µA
DC Characteristics
Limits
(V
CC = 5V±10%, Ta = 0 to 70°C)
–0.3 to 7
–0.3 to V
CC + 0.5
–0.3 to V
CC + 0.5
0 to 70
–55 to 150
1.0
°C
°C
Per Package T
opr = 25°C
to V
SS
–0.3
°C
I
OH = –400µA
I
OH = 2.1mA
–10
–10
——
CE = V
CC–0.2V
CE = V
IH MIN
V
I = 0 to VCC
V
O = 0 to VCC
CE = V
IH MIN
CE = V
IL
,OE = VIH,tC = 120ns
V
OH
I
LI
I
LO
I
CC
I
CCS
I
CCS1
V
OL
T
opr
T
stg
V
CC
V
I
V
O
P
D
V
CC
V
SS
V
IH
V
IL
T
opr
V
CC + 0.5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn