Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM531655E Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM531655E
Description  524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM, 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM531655E Datasheet(HTML) 6 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MSM531655E
6
CE
tC
OE
DOUT
tCE
tCHZ
tOE
Page Mode Read Cycle (Note4)
Address
A3 - A17
tPSET
DOUT
tACC
tPAC
tPAC
tPAC
tPC
tPC
tPC
Address
A0 - A2
Read Cycle (Note2)
(Note 3)
Note)
1. CE is low level.
2. Address is fixed before or at the same time when CE level falls.
3. t
CHZ & tOHZ
indicate the time until floating. They are not determined by the output level.
4. CE is low level and OE is low level.
I/O CAPACITANCE
Input Capacitance
Output Capacitance
Parameter
Symbol
C
I
Unit
8
Typ.
Conditions
Min.
Max.
C
O
pF
10
Rated Value
pF
V
I=0V
V
O=0V
tOHZ
(Note 3)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM53V1655F524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM531652F1 048 576-Words x 16-bit or 2 097 152-Bytes x 8-bit MaskROM 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852E524 288 Word X 16 - Bit or 1 048 576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR53V8052J524 288-Word x 16-bit or 1 048 576-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM 1 2 3 4 5 MoreOKI electronic componets
MSM538052E524 288-Words x 16-bit or 1 048 576-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn