Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM531655E Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM531655E
Description  524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM, 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM531655E Datasheet(HTML) 5 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MSM531655E
5
Address
tC
OE
DOUT
tACC
tOE
tOH
AC CHARACTERISTICS
Test conditions
Parameter
Conditions
Input Signal Level
Transtion Time
Timing Reference Level
Load Condition
V
IH=3.0V, VIL=0.0V
tr=tf=5ns
Input Voltage=1.5V
Output Voltage=0.8V&2.0V
CL=100pF+1TTL
Random Access Cycle time
Parameter
Symbol
Unit
Typ.
100
Conditions
Min.
Max.
ns
100
50
40
0
30
0
0
Read Cycle
Random Address Access time
Page Set up time
OE Access time
CE Output Disable time
OE Output Disable time
Output Hold time
ns
ns
ns
ns
ns
ns
Limits
(Ta = 0 to 70°C)
120
t
C
t
ACC
t
PSET
t
OE
t
CHZ
t
OHZ
t
OH
Page Access Cycle time
50
ns
50
100
Page Access time
CE Access time
ns
ns
t
PC
t
PAC
t
CE
Read Cycle (Note1)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM53V1655F524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM531652F1 048 576-Words x 16-bit or 2 097 152-Bytes x 8-bit MaskROM 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852E524 288 Word X 16 - Bit or 1 048 576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR53V8052J524 288-Word x 16-bit or 1 048 576-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM 1 2 3 4 5 MoreOKI electronic componets
MSM538052E524 288-Words x 16-bit or 1 048 576-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn