Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518222A-25ZS Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM518222A-25ZS
Description  262,214-Word X 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518222A-25ZS Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM518222A-25ZS Datasheet HTML 5Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 6Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 7Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 8Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 9Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 10Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 11Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 12Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
¡ Semiconductor
MSM518222A
9/16
AC Characteristics
6
6
9
9
5
6
0
5
0
5
0
5
0
5
5
5
0
10
9
9
0
5
0
5
0
5
25
25
Access Time from SRCK
DOUT Hold Time from SRCK
DOUT Enable Time from SRCK
SWCK "H" Pulse Width
SWCK "L" Pulse Width
Input Data Setup Time
Input Data Hold Time
WE Enable Setup Time
WE Enable Hold Time
WE Disable Setup Time
WE Disable Hold Time
IE Enable Setup Time
IE Enable Hold Time
IE Disable Setup Time
WE "H" Pulse Width
IE "H" Pulse Width
IE "L" Pulse Width
RSTW Setup Time
RSTW Hold Time
SRCK "H" Pulse Width
SRCK "L" Pulse Width
RE Enable Setup Time
RE Enable Hold Time
RE Disable Setup Time
RE Disable Hold Time
OE Enable Setup Time
OE Enable Hold Time
Symbol
Unit
Max.
Min.
Max.
Min.
Parameter
MSM518222A-30
MSM518222A-40
ns
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Max.
Min.
MSM518222A-25
6
6
12
12
5
6
0
5
0
5
0
5
0
10
10
10
0
10
12
12
0
5
0
5
0
5
25
25
6
6
17
17
5
6
0
5
0
5
0
5
0
10
10
10
0
10
17
17
0
5
0
5
0
5
30
25
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
5—
IE Disable Hold Time
5—5—
ns
5—
WE "L" Pulse Width
10
10
ns
0
5
5
5
5
5
0
OE Disable Setup Time
OE Disable Hold Time
RE "H" Pulse Width
RE "L" Pulse Width
OE "H" Pulse Width
OE "L" Pulse Width
RSTR Setup Time
ns
0
5
10
10
10
10
0
0
5
10
10
10
10
0
ns
ns
ns
ns
ns
ns
10
RSTR Hold Time
10
10
ns
——
25
SWCK Cycle Time
30
40
ns
——
25
SRCK Cycle Time
30
40
ns
——
3
tAC
tDDCK
tDECK
tWSWH
tWSWL
tDS
tDH
tWENS
tWENH
tWDSS
tWDSH
tIENS
tIENH
tIDSS
tWWEH
tWIEH
tWIEL
tRSTWS
tRSTWH
tWSRH
tWSRL
tRENS
tRENH
tRDSS
tRDSH
tOENS
tOENH
tIDSH
tWWEL
tODSS
tODSH
tWREH
tWREL
tWOEH
tWOEL
tRSTRS
tRSTRH
tSWC
tSRC
tT
Transition Time (Rise and Fall)
3
3
ns
30
30
30


Similar Part No. - MSM518222A-25ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25JS OKI-MSM518222-25JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25ZS OKI-MSM518222-25ZS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30GS-K OKI-MSM518222-30GS-K Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30JS OKI-MSM518222-30JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results

Similar Description - MSM518222A-25ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com