Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518222A-25ZS Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM518222A-25ZS
Description  262,214-Word X 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518222A-25ZS Datasheet(HTML) 3 Page - OKI electronic componets

  MSM518222A-25ZS Datasheet HTML 1Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 2Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 3Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 4Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 5Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 6Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 7Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 8Page - OKI electronic componets MSM518222A-25ZS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
¡ Semiconductor
MSM518222A
3/16
PIN CONFIGURATION (TOP VIEW)
DIN4
DIN5
DIN6
DIN7
RSTW
SWCK
NC
RE
OE
DOUT7
DOUT6
DOUT5
DOUT4
VSS
VCC
DIN3
DIN2
DIN1
DIN0
IE
WE
NC
SRCK
RSTR
DOUT0
DOUT1
DOUT2
DOUT3
DIN4
DIN5
DIN6
DIN7
RSTW
SWCK
NC
RE
OE
DOUT7
DOUT6
DOUT5
DOUT4
VSS
VCC
DIN3
DIN2
DIN1
DIN0
IE
WE
NC
SRCK
RSTR
DOUT0
DOUT1
DOUT2
DOUT3
28-Pin Plastic ZIP
1
3
5
7
9
11
13
15
17
19
21
23
25
27
WE
DIN0
DIN2
VCC
DIN5
DIN7
SWCK
NC
OE
DOUT6
DOUT4
DOUT3
DOUT1
RSTR
2
4
6
8
10
12
14
16
18
20
22
24
26
28
IE
DIN1
DIN3
DIN4
DIN6
RSTW
NC
RE
DOUT7
DOUT5
VSS
DOUT2
DOUT0
SRCK
3
4
5
9
10
11
12
13
26
25
24
20
19
18
17
16
2
27
1
28
28-Pin Plastic SOJ
3
4
5
9
10
11
12
13
26
25
24
20
19
18
17
16
2
27
1
28
28-Pin Plastic SOP

623
23
821
21
6
8
722
22
7
14
15
14
15

Pin Name
Function
Serial Write Clock
Serial Read Clock
Write Enable
Read Enable
Input Enable
Output Enable
Write Reset Clock
Read Reset Clock
Data Input
Data Output
Power Supply (5 V)
Ground (0 V)
SWCK
SRCK
WE
RE
IE
OE
RSTW
RSTR
DIN0 - 7
DOUT0 - 7
VCC
VSS
NC
No Connection


Similar Part No. - MSM518222A-25ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25JS OKI-MSM518222-25JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25ZS OKI-MSM518222-25ZS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30GS-K OKI-MSM518222-30GS-K Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30JS OKI-MSM518222-30JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results

Similar Description - MSM518222A-25ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com