Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518222A-25JS Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM518222A-25JS
Description  262,214-Word X 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518222A-25JS Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM518222A-25JS Datasheet HTML 4Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 5Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 6Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 7Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 8Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 9Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 10Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 11Page - OKI electronic componets MSM518222A-25JS Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
¡ Semiconductor
MSM518222A
8/16
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Input Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
IOS
PD
Topr
Tstg
at Ta = 25°C, VSS
Ta = 25°C
Ta = 25°C
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Unit
V
mA
W
°C
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Unit
Typ.
Max.
Power Supply Voltage
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
V
V
V
V
4.5
0
2.4
–1.0
5.0
0
VCC
0
5.5
0
VCC + 1
0.8
DC Characteristics
Parameter
Symbol
Condition
Min.
Input Leakage Current
Output Leakage Current
Output "H" Level Voltage
Output "L" Level Voltage
Operating Current
Standby Current
ILI
ILO
VOH
VOL
ICC1
ICC2
Minimum Cycle Time, Output Open
–10
–10
2.4
Max.
Unit
10
10
0.4
60
50
40
5
mA
mA
V
V
mA
mA
-25
-30
-40
0 < VI < VCC + 1, Other Pins Tested at V = 0 V
0 < VO < VCC
IOH = –1 mA
IOL = 2 mA
Input Pin = VIH / VIL
Capacitance
Parameter
Unit
Input Capacitance (DIN, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE)
Output Capacitance (DOUT)
pF
pF
CI
CO
7
7
Symbol
Max.
(Ta = 25°C, f = 1 MHz)


Similar Part No. - MSM518222A-25JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25JS OKI-MSM518222-25JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-25ZS OKI-MSM518222-25ZS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30GS-K OKI-MSM518222-30GS-K Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222-30JS OKI-MSM518222-30JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results

Similar Description - MSM518222A-25JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com