Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ML87V2105 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. ML87V2105
Description  Video Signal Noise Reduction IC with a Built-in 5.6 Mbit Frame Memory
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

ML87V2105 Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PEDL87V2105DIGEST-02
OKI Semiconductor
ML87V2105
No.
Symbol
I/O
Pad Remarks
Pin Description
40
VDD
Power supply 3.3 V
41
N.C.
Unused pin
42
N.C.
Unused pin
43
N.C.
Unused pin
44
N.C.
Unused pin
45
OHS
O
Horizontal sync signal output pin
46
OVS
O
Vertical sync signal output pin
47
HREF
O
Data output horizontal reference signal output pin
48
VSS
Ground
49
N.C.
Unused pin
50
VDD
Power supply 3.3 V
51
CO0
O/(I)
Color difference signal output pin – bit 0 (LSB)
52
CO1
O/(I)
Color difference signal output pin – bit 1
53
CO2
O/(I)
Color difference signal output pin – bit 2
54
CO3
O/(I)
Color difference signal output pin – bit 3
55
VSS
Ground
56
CO4
O/(I)
Color difference signal output pin – bit 4
57
CO5
O/(I)
Color difference signal output pin – bit 5
58
CO6
O/(I)
Color difference signal output pin – bit 6
59
CO7
O/(I)
Color difference signal output pin – bit 7(MSB)
60
VDD
Power supply 3.3 V
61
N.C.
Unused pin
62
VSS
Ground
63
YO0
O
Luminance signal output pin – bit 0 (LSB)
64
YO1
O
Luminance signal output pin – bit 1
65
YO2
O
Luminance signal output pin – bit 2
66
YO3
O
Luminance signal output pin – bit 3
67
VDD
Power supply 3.3 V
68
YO4
O
Luminance signal output pin – bit 4
69
YO5
O
Luminance signal output pin – bit 5
70
YO6
O
Luminance signal output pin – bit 6
71
YO7
O
Luminance signal output pin – bit 7 (MSB)
72
VSS
Ground
73
TEST7
I
Test input pin – bit 7 (1: test mode)
74
TEST6
I
Test input pin – bit 6 (1: test mode)
75
RESET
I
Schmitt
System reset/input pin
0: System reset
1: Operation
5/14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn