Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ML87V2105 Datasheet(PDF) 4 Page - OKI electronic componets

Part No. ML87V2105
Description  Video Signal Noise Reduction IC with a Built-in 5.6 Mbit Frame Memory
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

ML87V2105 Datasheet(HTML) 4 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PEDL87V2105DIGEST-02
OKI Semiconductor
ML87V2105
PIN DESCRIPTIONS
No.
Symbol
I/O
Pad Remarks
Pin Description
1
N.C.
Unused pin
2
VSS
Ground
3
SDA
I/O
Schmitt(IN)/
OpenDrain(OUT)
I
2C-bus data pin
4
SCL
I
Schmitt
I
2C-bus clock pin
5
SLA1
I
Internal pull-down 50k Slave address setting pin
6
SLA2
I
Internal pull-down 50k Slave address setting pin
7
YI7
I
Luminance signal input pin bit 7 (MSB)
8
YI6
I
Luminance signal input pin bit 6
9
YI5
I
Luminance signal input pin bit 5
10
YI4
I
Luminance signal input pin bit 4
11
YI3
I
Luminance signal input pin bit 3
12
YI2
I
Luminance signal input pin bit 2
13
YI1
I
Luminance signal input pin bit 1
14
YI0
I
Luminance signal input pin bit 0 (LSB)
15
VDD
Power supply 3.3 V
16
ICLK
I
Input system clock pin
17
VSS
Ground
18
CI7
I
Internal pull-down 50k Color difference signal input pin bit 7 (MSB)
19
CI6
I
Internal pull-down 50k Color difference signal input pin bit 6
20
CI5
I
Internal pull-down 50k Color difference signal input pin bit 5
21
CI4
I
Internal pull-down 50k Color difference signal input pin bit 4
22
CI3
I
Internal pull-down 50k Color difference signal input pin bit 3
23
CI2
I
Internal pull-down 50k Color difference signal input pin bit 2
24
CI1
I
Internal pull-down 50k Color difference signal input pin bit 1
25
CI0
I
Internal pull-down 50k Color difference signal input pin bit 0 (LSB)
26
VDD
Power supply 3.3 V
27
N.C.
Unused pin
28
VSS
Ground
29
IVS
I
Schmitt
Internal pull-down 50k
Input system vertical sync signal input pin
30
IHS
I
Schmitt
Internal pull-down 50k
Input system horizontal sync signal input pin
31
MODE0
I
Internal pull-down 50k Mode setting pin – bit 0
32
MODE1
I
Internal pull-down 50k Mode setting pin – bit 1
33
N.C.
Unused pin
34
MODE2
I
Internal pull-down 50k Mode setting pin – bit 2
35
CLKO
O/(I)
Clock output (I
2C-bus control possible)
36
VDD
Power supply 3.3 V
37
VSS
Ground
38
N.C.
Unused pin
39
N.C.
Unused pin
4/14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn