Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ML87V2103 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. ML87V2103
Description  Video Signal Noise Reduction and Rate Conversion IC with a Built-in 3.9 Mbit Field Memory
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

ML87V2103 Datasheet(HTML) 6 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PEDL87V2103DIGEST-01
OKI Semiconductor
ML87V2103
6/14
No.
Symbol
I/O
Pad Remarks
Pin Description
42
VDD
IO&CORE
Power supply 3.3 V
43
TEST7
I
pull-down 50k
Test input pin
44
N.C.
Unused pin
45
SSG
I
pull-down 50k
Internally generated sync signal mode setting pin
46
INT
I
pull-down 50k
Output system sync signal input/output select setting pin
0: OVS, OHS input mode
1: OVS, OHS internally generated output mode
47
OHS
I/O
Schmitt(IN)
pull-down 50k
Output system horizontal sync signal input/output pin
48
OVS
I/O
Schmitt(IN)
pull-down 50k
Output system vertical sync signal input/output pin
49
HREF
O
Data output horizontal reference signal output pin
50
VSS
IO&CORE
Ground
51
VDD
IO only
Power supply 3.3 V
52
CO0
O
Color difference signal output pin – bit 0 (LSB)
53
CO1
O
Color difference signal output pin – bit 1
54
CO2
O
Color difference signal output pin – bit 2
55
CO3
O
Color difference signal output pin – bit 3
56
VSS
IO only
Ground
57
CO4
O
Color difference signal output pin – bit 4
58
CO5
O
Color difference signal output pin – bit 5
59
CO6
O
Color difference signal output pin – bit 6
60
CO7
O
Color difference signal output pin – bit 7(MSB)
61
VDD
IO only
Power supply 3.3 V
62
OCLK
I
Output system clock pin
63
VSS
IO only
Ground
64
YO0
O
Luminance signal output pin – bit 0 (LSB)
65
YO1
O
Luminance signal output pin – bit 1
66
YO2
O
Luminance signal output pin – bit 2
67
YO3
O
Luminance signal output pin – bit 3
68
VDD
IO only
Power supply 3.3 V
69
YO4
O
Luminance signal output pin – bit 4
70
YO5
O
Luminance signal output pin – bit 5
71
YO6
O
Luminance signal output pin – bit 6
72
YO7
O
Luminance signal output pin – bit 7 (MSB)
73
VSS
IO only
Ground
74
N.C.
Unused pin
75
N.C.
Unused pin
76
N.C.
Unused pin
77
N.C.
Unused pin
78
N.C.
Unused pin
79
RESET
I
Schmitt
System reset input pin (0 active)
0: System reset 1: Normal operation
Apply ICLK cycle one and more time during “0” level after VDD
voltage has reached the specified level in System reset operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn