Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ML87V2103 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. ML87V2103
Description  Video Signal Noise Reduction and Rate Conversion IC with a Built-in 3.9 Mbit Field Memory
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

ML87V2103 Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PEDL87V2103DIGEST-01
OKI Semiconductor
ML87V2103
5/14
PIN DESCRIPTIONS
No.
Symbol
I/O
Pad Remarks
Pin Description
1
VDD
IO&CORE
Power supply 3.3 V
2
N.C.
Unused pin
3
N.C.
Unused pin
4
VSS
IO&CORE
Ground
5
SDA
I/O
Schmitt(IN)/
OpenDrain(OUT)
I
2C-bus data pin
6
SCL
I
Schmitt
I
2C-bus clock pin
7
SLA1
I
pull-down 50k
Slave address setting pin
8
SLA2
I
pull-down 50k
Slave address setting pin
9
YI7
I
Luminance signal input pin bit 7 (MSB)
10
YI6
I
Luminance signal input pin bit 6
11
YI5
I
Luminance signal input pin bit 5
12
YI4
I
Luminance signal input pin bit 4
13
YI3
I
Luminance signal input pin bit 3
14
YI2
I
Luminance signal input pin bit 2
15
YI1
I
Luminance signal input pin bit 1
16
YI0
I
Luminance signal input pin bit 0 (LSB)
17
VDD
IO&CORE
Power supply 3.3 V
18
ICLK
I
Input system clock pin
19
VSS
IO&CORE
Ground
20
CI7
I
pull-down 50k
Color difference signal input pin bit 7 (MSB)
21
CI6
I
pull-down 50k
Color difference signal input pin bit 6
22
CI5
I
pull-down 50k
Color difference signal input pin bit 5
23
CI4
I
pull-down 50k
Color difference signal input pin bit 4
24
CI3
I
pull-down 50k
Color difference signal input pin bit 3
25
CI2
I
pull-down 50k
Color difference signal input pin bit 2
26
CI1
I
pull-down 50k
Color difference signal input pin bit 1
27
CI0
I
pull-down 50k
Color difference signal input pin bit 0 (LSB)
28
N.C.
Unused pin
29
N.C.
Unused pin
30
VDD
IO&CORE
Power supply 3.3 V
31
VSS
IO&CORE
Ground
32
IVS
I
Schmitt
pull-down 50k
Input system vertical sync signal input pin
33
IHS
I
Schmitt
pull-down 50k
Input system horizontal sync signal input pin
34
MODE0
I
pull-down 50k
Mode setting pin – bit 0
35
MODE1
I
pull-down 50k
Mode setting pin – bit 1
36
MODE2
I
pull-down 50k
Mode setting pin – bit 2
37
MODE3
I
pull-down 50k
Mode setting pin – bit 3
38
CLKO
O
Clock output (I
2C-bus control possible)
39
VDD
IO&CORE
Power supply 3.3 V
40
VSS
IO&CORE
Ground
41
N.C.
Unused pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn